Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Type 3320
11 | 22
Visit product website 
4.3. Body with welded connection
Note:
Dimensions in mm, unless otherwise stated
CS
LS
ES
Nominal
diameter
(Pipe)
DIN EN ISO 1127
ISO 4200
DIN 11866 B
DIN 11850 2
DIN 11866 A
DN
ES
CS
LS
ØDS
WS
ES
CS
LS
ØDS
WS
15
19
34
100
21.3
1.6
19
34
100
19
1.5
20
20
39
115
26.9
1.6
20
39
115
23
1.5
25
26
43
130
33.7
2.0
26
43
130
29
1.5
32
26
45
145
42.4
2.0
26
45
145
35
1.5
40
26
49
160
48.3
2.0
26
49
160
41
1.5
50
26
50
175
60.3
2.0
26
50
175
53
1.5
65
26
50
210
76.1
2.0 (2.3)
26
50
210
70
2
Nominal diameter
(Pipe)
ASME BPE
DIN 11866 C
NPS
ES
CS
LS
ØDS
WS
½
30
46
135
12.7
1.65
¾
30
52
145
19.05
1.65
1
30
51
152
25.4
1.65
1½
30
60
182
38.1
1.65
2
30
64
210
50.8
1.65
2½
26
56
230
63.5
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com