Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Type 3320
21 | 22
Visit product website 
7.3. Ordering chart accessories
Standard accessories
Description
Article no.
SIM card for data transmission between devices
291773 
Holding device for port connection DN 15…40
693770 
Holding device for port connection DN 50
693771 
Plastic blind cover
277881 
Energy storage SAFEPOS energy-pack (AG2)
285834 
Energy storage SAFEPOS energy-pack (AG3)
20046438 
Accessories cable
Note:
For connection to a büS/CANopen network see cabling guide .
Description
Article no.
Connection cable with M12 socket, 4-pin, (length 5 m) for operating voltage (without communication)
918038 
Connection cable with M12 socket, 5-pin, L coded (length 5 m) for operating voltage AG3
(without communication)
20010840 
Connection cable with M12 socket, 8-pin, (length 2 m) for input and output signals
919061 
Bürkert accessories
Note:
• For connection to a büS/CANopen network see cabling guide .
• Detailed accessory tables can be found in the cabling guide.
Description
Article no.
Software Bürkert Communicator, Type 8920
Type 8920 
büS stick set 1 (including power supply unit, bus-stick, terminating resistor, Y-distributor, 0.7 m cable with
M12 connector)
772426 
büS stick set 2 (including bus-stick, terminating resistor, Y-distributor, 0.7 m cable with M12 connector)
772551 
büS adapter for büS interface set (M12 on büS service interface Micro-USB)
773254 
7.4. Bürkert Product Enquiry Form
Bürkert Product Enquiry Form – Your enquiry quickly and compactly
Would you like to make a specific product enquiry based on your technical require-
ments? Use our Product Enquiry Form for this purpose. There you will find all the
relevant information for your Bürkert contact. This will enable us to provide you with
the best possible advice.
Fill out the form now



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com