Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Type 3320
19 | 22
Visit product website 
6.2. Product assembly
The electromotive linear drive consists of a brushless DC motor, a gear and a spindle system that transmits the force to the pendu-
lum plate. The integrated control electronics are controlled either via standard signals (digital) or via a fieldbus (digital). It is designed
to provide optimum efficiency. At the same time, it keeps the valve sealed and in position even at the maximum specified medium
pressure in a powerless standstill. An optional energy storage device (SAFEPOS energy-pack) is available for the device. If the supply
voltage fails, it supplies the actuator with the energy required to move the valve into the desired position; this is set in the menu.
The valve position can be changed manually in 2 ways. Either via the electrical manual control or via a mechanical manual control if
no supply voltage is available.
The device can be set and operated via 2 capacitive keys and 4 DIP switches. In addition there is always the possibility to operate
the device via the büS service interface and using the “Bürkert Communicator” software.
The intelligent process valve Type 3320 offers the operator options for process monitoring, valve diagnostics and preventive mainte-
nance. Internal measurements of the operating status are evaluated and issued as warnings or error messages, if necessary. These
indicate, for example, impermissible ambient and process conditions, functional deviations of components or the status of the energy
storage device.
AG2
Actuator housing
Actuator cover
Transparent window with position
indicator
Body connection (with wrench connection)
Numbers for
indicating the
direction of flow
Angle seat valve body
Port connection
Relief bore
FE functional ground
Actuator base
Blind cover with
status indicator and bayonet catch
Electrical connections
(circular plug-in connector
or cable gland)
Do not unscrew pressure
compensation element!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com