Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  3321 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Type 3320
4 | 22
Visit product website 
Electrical connection
Actuator
Terminal strip with cable gland, 2 x M20 (only AG2) or
2 M12 circular plugs, 5-pin and 8-pin
Fieldbus gateway
2 M12 circular sockets, 4-pin (only with Industrial Ethernets)
Approvals and certificates
Conformity
Food EGV 1935/2004
FDA (optional)
Approval
Explosion protection ATEX/IECEx (optional) (see “2. Approvals” on page 4)
cULus Cert. No. 238179 (optional) (only AG2) (see “2. Approvals” on page 4)
Ignition protection class
II 3G Ex ec IIC T4 Gc
II 3D Ex tc IIIC T135 °C Dc
Detergent resistance
According to Ecolab test method: R&D/P3-E No. 40 - 1
Environment and installation
Ambient temperature
- 25…+ 65 °C (only without additional modules)
(De-rating see “Operating limits for ambient and medium temperature” on page 15)
Degree of protection
IP65/IP67 (DIN EN 60529),
NEMA 4X
Installation position
Any, preferably actuator face up
1.) All values refer to a supply voltage of 24 V at 25 °C.
2.) Others on request
2.
Approvals
Approvals/
Conformity/
Certificate1.)
Description
Food produce contact
Materials in contact with medium conform to EC regulation 1935/2004
Materials in contact with medium conform to FDA (optional)
Drinking water
Suitable for use with drinking water according to KTW, W270 (optional)
Oxygen
Suitable for use with gaseous oxygen (optional)
Explosion proof
As category 3 device suitable for zone 2/22 (optional)
ATEX
• II 3G Ex ec IIC T4 Gc
• II 3D Ex tc IIIC T135 °C Dc
IECEx
• Ex ec IIC T4 Gc
• Ex tc IIIC T135 °C Dc
Safety requirements
UL-listed cULus Cert. No. 238179 (optional) (only AG2)
Detergent resistance
Material compatibility tested with common Ecolab products and certified according to
Ecolab test method: R&D/P3-E No. 40 - 1
Standards
Description
Field device for integration into the EDIP platform via Bürkert system bus (büS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com