Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Type 3320
17 | 22
Visit product website 
6.
Product design and assembly
6.1. Product features
Note
More detailed information can be found in the operating instructions Type 3320 .
User interface
The basic functions are operated by 4 DIP switches
and 2 push buttons. These are located under the
blind cover which can be removed manually by
turning. Through the büS service access, the device
can also be configured in detail with the Bürkert
communicator software. For this, the optional USB-
büS interface kit is required.
DIP switch*
SIM card
CLOSE button*
büS Service interface
OPEN button *
Mechanical manual control
Blind cover dismantled
Actuation
Mechanical manual control:
The manual override for mechanical movement of
the valve is located for AG2 under the blind cover
or display module and for AG3 under the pressure
compensation element. It ensures that the actuator
can be operated even if the power supply fails.
Electrical control via operating elements:
The electrical manual override for the procedure is
carried out via two buttons under the blind cover.
Display elements
Display:
360° LED light ring:
A clearly visible 360° LED ring is attached to the
blind cover or display module to indicate the device
status, the valve end position and the operating
status. The LED light ring lights up, blinks or flashes
into one or changing colours, depending on the LED
mode set
LED light ring
Valve open
Valve closed
Mechanical
position indicator
Mechanical position indicator:
The mechanical position indicator shows the current
valve position even if the supply voltage fails.
Data transmission (optional)
SIM card (optional):
With the optionally available SIM card, device-spe-
cific values and user settings can be stored and
quickly transferred to another device.
SIM card holder
büS service interface:
The büS service interface connects the device
with the Communicator software on a PC, laptop
or smartphone. From there a configuration of the
device or error diagnosis can be carried out.
büS service interface
Connection for CAN adapter or
USB-büS interface set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com