Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2/2-way angle seat valve (ON/OFF)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  3321 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Visit product website 
DATA SHEET
Type 3360
Electromotive 2-way
angle seat control valve
Type 3361
Electromotive 2-way
globe control valve
Type 3321
Electromotive 2/2-way
globe valve (ON/OFF)
Standard | EU | en | 2023 - 09 - 05 | 18
Electromotive 2/2-way angle seat valve
(ON/OFF)
• Safety position via energy storage
• Rapid flow shut off
• Weather and impact resistant design
• Hygienically designed surface
• Versatile diagnostic options
The innovative Bürkert on/off valve Type 3320 is the solution when it comes to
shut-off tasks under demanding operating conditions. The electromotive ac-
tuator of the angle seat valve with ball screw moves the swivel plate at a par-
ticularly high rate up to 6 mm/s to the desired end position. Thereby it reacts
almost instantaneously to process signals. If necessary, the safety position
can be approached by an optional energy storage in case of power failure.
The electromotive actuator and shut-off valve are adapted perfectly to each
other with closed design and robust surface. This ensures the hygienic re-
quirements of fast and residue-free cleaning.
Harsh ambient conditions are no problem for the electromotive angle seat
valve Type 3320 due to the protection class IP65/IP67 and the high impact
and vibration insensitivity. Thanks to the tried-and-tested, self-adjusting pack-
ing gland with exchangeable V-seals, the angle seat valve achieves maximum
service life and tightness.
The fieldbus-suitable Type 3320 shut-off valve offers the operator many help-
ful functions for process monitoring, valve diagnostics and preventive mainte-
nance and therefore the decisive advantage of modern process automation.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 3320
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 3321

ManufacturerPart #DatasheetDescription
logo
Heyco.
3321 HEYCO-3321 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Christian Bürkert GmbH ...
3321 BURKERT-3321 Datasheet
2Mb / 26P
Electromotive 2/2-way globe valve (ON/OFF)
05.09.2023
3321 BURKERT-3321 Datasheet
2Mb / 26P
Electromotive 2-way angle seat control valve
05.09.2023
3321 BURKERT-3321 Datasheet
2Mb / 29P
Electromotive 2-way globe control valve
05.09.2023
logo
Adafruit Industries
3321 ADAFRUIT-3321 Datasheet
211Kb / 2P
Adafruit Mini Color TFT with Joystick FeatherWing
More results

Similar Description - 3321

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
1002501 FESTO-1002501 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
1002503 FESTO-1002503 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com