Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B760 Datasheet(PDF) 7 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 7 Page - EPCOS

Back Button B760 Datasheet HTML 3Page - EPCOS B760 Datasheet HTML 4Page - EPCOS B760 Datasheet HTML 5Page - EPCOS B760 Datasheet HTML 6Page - EPCOS B760 Datasheet HTML 7Page - EPCOS B760 Datasheet HTML 8Page - EPCOS B760 Datasheet HTML 9Page - EPCOS B760 Datasheet HTML 10Page - EPCOS B760 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CR
(20
°C,
120 Hz)
µF
Case
size
ESRmax
(20
°C,
100 kHz)
m
Ω
DFmax
(20
°C,
120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
IAC,max
(20
°C,
100
kHz)
A
IAC,max
(85
°C,
100
kHz)
A
IAC,max
(105
°C,
100
kHz)
A
Ordering code
q Preliminary Data
* =
Code number for reel diameter
6 = 330-mm reel
9 = 180-mm reel
VR (up to 85
°C) = 2.5 VDC, V
R (up to 105
°C) = 2.0 VDC
220
D
45
10
55
1.8
1.5
1.2
B76002D227*M045
220
D
55
10
55
1.7
1.3
1.0
B76002D227*M055
220
V
15
10
55
3.1
2.8
1.2
B76002V227*M015 q
220
V
18
10
55
2.6
2.1
1.7
B76002V227*M018 q
220
V
25
10
55
2.2
1.8
1.4
B76002V227*M025 q
220
V
35
10
55
1.9
1.5
1.2
B76002V227*M035
220
V
45
10
55
1.7
1.3
1.1
B76002V227*M045
330
D
40
10
83
1.9
1.5
1.2
B76002D337*M040
330
D
55
10
83
1.7
1.3
1.0
B76002D337*M055
330
V
12
10
83
3.4
3.1
1.4
B76002V337*M012 q
330
V
15
10
83
3.1
2.8
1.2
B76002V337*M015 q
330
V
18
10
83
2.6
2.1
1.7
B76002V337*M018 q
330
V
25
10
83
2.2
1.8
1.4
B76002V337*M025 q
330
V
35
10
83
1.9
1.5
1.2
B76002V337*M035 q
330
V
40
10
83
1.8
1.4
1.1
B76002V337*M040 q
330
V
45
10
83
1.7
1.3
1.1
B76002V337*M045 q
470
D
40
10
118
1.9
1.5
1.2
B76002D477*M040
470
V
18
10
118
2.6
2.1
1.7
B76002V477*M018 q
VR (up to 85
°C) = 4 VDC, V
R (up to 105
°C) = 3.2 VDC
220
D
45
10
88
1.8
1.5
1.2
B76004D227*M045
220
D
55
10
88
1.7
1.3
1.0
B76004D227*M055
220
V
15
10
88
3.1
2.8
1.2
B76004V227*M012 q
220
V
18
10
88
2.6
2.1
1.7
B76004V227*M018 q
220
V
25
10
88
2.2
1.8
1.4
B76004V227*M025
220
V
35
10
88
1.9
1.5
1.2
B76004V227*M035
220
V
40
10
88
1.8
1.4
1.1
B76004V227*M040
220
V
45
10
88
1.7
1.3
1.1
B76004V227*M045
330
D
40
10
132
1.9
1.5
1.2
B76004D337*M040
330
D
50
10
132
1.7
1.4
1.1
B76004D337*M050
330
V
35
10
132
1.9
1.5
1.2
B76004V337*M035 q
330
V
45
10
132
1.7
1.3
1.1
B76004V337*M045 q
470
D
25
10
188
2.5
2.2
1.0
B76004D477*M025 q
Polymer chip capacitors
B760
TOPcap - Basic
Page 7 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com