Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B760 Datasheet(PDF) 9 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 9 Page - EPCOS

Back Button B760 Datasheet HTML 5Page - EPCOS B760 Datasheet HTML 6Page - EPCOS B760 Datasheet HTML 7Page - EPCOS B760 Datasheet HTML 8Page - EPCOS B760 Datasheet HTML 9Page - EPCOS B760 Datasheet HTML 10Page - EPCOS B760 Datasheet HTML 11Page - EPCOS B760 Datasheet HTML 12Page - EPCOS B760 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CR
(20
°C,
120 Hz)
µF
Case
size
ESRmax
(20
°C,
100 kHz)
m
Ω
DFmax
(20
°C,
120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
IAC,max
(20
°C,
100
kHz)
A
IAC,max
(85
°C,
100
kHz)
A
IAC,max
(105
°C,
100
kHz)
A
Ordering code
q Preliminary Data
* =
Code number for reel diameter
6 = 330-mm reel
9 = 180-mm reel
100
V
80
10
100
1.3
1.1
0.5
B76010V107*M080
VR (up to 85
°C) = 16 VDC, V
R (up to 105
°C) = 12.8 VDC
47
V
70
10
75
1.3
1.2
0.5
B76016V476*M070
Polymer chip capacitors
B760
TOPcap - Basic
Page 9 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com