Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B760 Datasheet(PDF) 22 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 22 Page - EPCOS

Back Button B760 Datasheet HTML 18Page - EPCOS B760 Datasheet HTML 19Page - EPCOS B760 Datasheet HTML 20Page - EPCOS B760 Datasheet HTML 21Page - EPCOS B760 Datasheet HTML 22Page - EPCOS B760 Datasheet HTML 23Page - EPCOS B760 Datasheet HTML 24Page - EPCOS B760 Datasheet HTML 25Page - EPCOS B760 Datasheet HTML 26Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Test limits for polymer chip capacitors
Endurance
2000 h at +85
°C, V
R
2000 h at +105
°C, 4/5 V
R
Capacitance change:
Dissipation factor:
Leakage current (DC):
±20% of initial measured value
<150% of initial specified value
<300% of initial specified value
Damp heat, steady state to IEC
60068-2-3
Severity 3:
Duration:
|
∆C/C|
tan
δ
Ilk,20°C
40 (
±2) °C
93 (+2/ 3) % relative humidity
21 days
≤40%, 20% of initial measured
value
≤1.5 initial limit value
≤300% of initial limit value
Vibration
Test Fc to IEC 60068-2-6
Frequency range:
Amplitude:
Test duration:
10 ... 2000 Hz
1.5 mm (max 196 m/s2, i.e. 20 g)
6 h
Shock
Test Ea to 60068-2-27
Peak load:
981 m/s2, i.e. 100 g
Shear test
Ue3 to IEC 60068-2-21
Force:
5 N for 10 (
±1) s
Polymer chip capacitors
B760
TOPcap - Basic
Page 22 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com