Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B760 Datasheet(PDF) 21 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 21 Page - EPCOS

Back Button B760 Datasheet HTML 17Page - EPCOS B760 Datasheet HTML 18Page - EPCOS B760 Datasheet HTML 19Page - EPCOS B760 Datasheet HTML 20Page - EPCOS B760 Datasheet HTML 21Page - EPCOS B760 Datasheet HTML 22Page - EPCOS B760 Datasheet HTML 23Page - EPCOS B760 Datasheet HTML 24Page - EPCOS B760 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
2) Guideline values, possible deviations of up to approximately
±30%.
Packing units and weights
Case size
Reel: taped;
180 mm diameter
Reel: taped;
330 mm diameter
Approx. weight
per capacitor
pieces/reel
pieces/reel
g2)
B
2000
8000
0.07
D
750
2800
0.30
V
1000
3750
0.25
Polymer chip capacitors
B760
TOPcap - Basic
Page 21 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com