Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B760 Datasheet(PDF) 19 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 19 Page - EPCOS

Back Button B760 Datasheet HTML 15Page - EPCOS B760 Datasheet HTML 16Page - EPCOS B760 Datasheet HTML 17Page - EPCOS B760 Datasheet HTML 18Page - EPCOS B760 Datasheet HTML 19Page - EPCOS B760 Datasheet HTML 20Page - EPCOS B760 Datasheet HTML 21Page - EPCOS B760 Datasheet HTML 22Page - EPCOS B760 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
1) 0.2 mm over 10 sprocket hole spaces.
Taping
Chip capacitors are taped and reeled in accordance with IEC 60286-3. Sizes B is supplied in
8-mm blister tapes, sizes D and V in 12-mm blister tapes. The position of the positive pole (+) is
shown in the dimensional drawing below.
Caution! If any capacitors are left over in the tape after placement, sparks may be generated
when the tape is cut into pieces. This may impair or damage process equipment.
Tape dimensions and tolerances
Dimensions
Case size
(mm)
B
D
E
F
V
X
A1
±0.2
3.3
4.7
4.7
4.7
4.7
4.7
B1
±0.2
3.8
7.7
7.7
7.7
7.7
7.7
D0 +0.1/ 0
1.5
1.5
1.5
1.5
1.5
1.5
D1 min.
1.0
1.5
1.5
1.5
1.5
1.5
P0
±0.11)
4.0
4.0
4.0
4.0
4.0
4.0
P1
±0.1
4.0
8.0
8.0
8.0
8.0
8.0
P2
±0.05
2.0
2.0
2.0
2.0
2.0
2.0
W
±0.3
8.0
12.0
12.0
12.0
12.0
12.0
E
±0.1
1.75
1.75
1.75
1.75
1.75
1.75
F
±0.05
3.5
5.5
5.5
5.5
5.5
5.5
G min.
0.75
0.75
0.75
0.75
0.75
0.75
T1
±0.05
0.25
0.3
0.3
0.25
0.3
0.3
T2 max.
2.6
3.6
4.8
4.5
2.75
2.45
K0
±0.1
2.2
3.3
4.6
4.2
2.3
1.8
Polymer chip capacitors
B760
TOPcap - Basic
Page 19 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com