Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B760 Datasheet(PDF) 5 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 5 Page - EPCOS

  B760 Datasheet HTML 1Page - EPCOS B760 Datasheet HTML 2Page - EPCOS B760 Datasheet HTML 3Page - EPCOS B760 Datasheet HTML 4Page - EPCOS B760 Datasheet HTML 5Page - EPCOS B760 Datasheet HTML 6Page - EPCOS B760 Datasheet HTML 7Page - EPCOS B760 Datasheet HTML 8Page - EPCOS B760 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Specifications and characteristics in brief
Series
TOPcap - Basic
Ordering code
B760
Technology
Tantalum Polymer
Terminals
Tinned
Rated voltage
(up to 85
°C)
VR
2.5 ... 16
VDC
Rated capacitance
(20
°C, 120 Hz)
CR
33 ... 470
µF
Capacitance tolerance
∆C
R
±20
%
Maximum equivalent series
resistance
(20
°C, 100 kHz)
ESRmax
12 ... 80
m
Ω
Operating temperature range
Top
55 ... +105
°C
Failure rate
(1 fit = 1 10-9 failures/h)
(at 40
°C; ≤ V
R,
RS
≤ 0.1 Ω/V)
≤264
fit
Service life
>150000
h
Leakage current
(VR, 5 min, 20
°C)
Ileak
100
nA/
µC
Climatic category
(to IEC 60068-1)
( 55
°C/+105 °C/56
days damp heat test)
55/105/56
Moisture sensitivity level (MSL)
3
Overview of types
(VDC)
(up to 85
°C)
2.5
4
6.3
10
16
CR (
µF)
47
V(70)
68
V(45*...60*)
100
D(45)
V(35*...80)
D(55...80)
V(25*...80)
150
D(45...80)
V(15*...80)
220
D(45...55)
V(15*...45)
D(45...55)
V(15*...45)
D(40...50)
V(25*...45*)
330
D(40...55)
V(12*...45*)
D(40...50)
V(35*...45*)
470
D(40)
V(18*)
D(25*...60)
* Upon request
() The ESR value (in m
Ω) is stated in parentheses
Ordering code structure
Polymer chip capacitors
B760
TOPcap - Basic
Page 5 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com