Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B760 Datasheet(PDF) 23 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 23 Page - EPCOS

Back Button B760 Datasheet HTML 18Page - EPCOS B760 Datasheet HTML 19Page - EPCOS B760 Datasheet HTML 20Page - EPCOS B760 Datasheet HTML 21Page - EPCOS B760 Datasheet HTML 22Page - EPCOS B760 Datasheet HTML 23Page - EPCOS B760 Datasheet HTML 24Page - EPCOS B760 Datasheet HTML 25Page - EPCOS B760 Datasheet HTML 26Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Storage conditions
EPCOS polymer capacitors are shipped in moisture barrier bags together with a desiccant and a
moisture indicator card.
All series (B760, B761, B763) are classified according JEDEC J-STD-020C as MSL 3 (Moisture
Sensitivity Level 3). Parts should be mounted 168 hours (= 7 days) after opening the moisture
barrier bags to prevent absorption of moisture and outgassing effects during soldering. Following
rules should be adhered to:
Parts must be stored in the reel and sealed moisture barrier bag until usage.
Parts should not be stored at high temperature, high humidity, corrosive atmospheres and
exposed to direct sun light. To enable the floor life of 168 hours according JEDEC J-STD-033A
a maximum temperature of 30
°C at a humidity of maximum 60% R.H. is required.
Temperature fluctuation should be minimized.
Environmental comments and warnings
As a manufacturer of passive components, we develop our products on the basis of the relevant
standards and laws, and thus ensure that our products are free of those materials and
substances prohibited by the relevant legislation.
To ensure a standardized procedure for EPCOS worldwide, a binding list of materials and
substances is included in our environment management system to ISO 14001. Our planning and
development guidelines include regulations and directives aiming to promote recognition of
environmental aspects and to optimize products and processes in terms of material use and
environmental compatibility, to design them with a sparing use of resources and to replace
hazardous substances as far as possible.
The environmental officer provides support in assessing the environmental risks of a
development project upon request. Consideration of environmental aspects is checked and
recorded at the design reviews.
Polymer chip capacitors
B760
TOPcap - Basic
Page 23 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com