Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B760 Datasheet(PDF) 4 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 4 Page - EPCOS

  B760 Datasheet HTML 1Page - EPCOS B760 Datasheet HTML 2Page - EPCOS B760 Datasheet HTML 3Page - EPCOS B760 Datasheet HTML 4Page - EPCOS B760 Datasheet HTML 5Page - EPCOS B760 Datasheet HTML 6Page - EPCOS B760 Datasheet HTML 7Page - EPCOS B760 Datasheet HTML 8Page - EPCOS B760 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Marking
Case size B
Case size D, V
Capacitance coding
1st and 2nd digit
Capacitance in pF
3rd digit
Multiplier:
6 = 106 pF
7 = 107 pF
8 = 108 pF
Date coding
Year
Month
S = 2004
T = 2005
U = 2006
V = 2007
W = 2008
X = 2009
1 = January
2 = February
3 = March
4 = April
5 = May
6 = June
7 = July
8 = August
9 = September
O = October
N = November
D = December
Polymer chip capacitors
B760
TOPcap - Basic
Page 4 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com