Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 9Page - OSRAM GmbH AS7261 Datasheet HTML 10Page - OSRAM GmbH AS7261 Datasheet HTML 11Page - OSRAM GmbH AS7261 Datasheet HTML 12Page - OSRAM GmbH AS7261 Datasheet HTML 13Page - OSRAM GmbH AS7261 Datasheet HTML 14Page - OSRAM GmbH AS7261 Datasheet HTML 15Page - OSRAM GmbH AS7261 Datasheet HTML 16Page - OSRAM GmbH AS7261 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − Detailed Descriptions
Figure 15:
Internal Block Diagram
XYZ Chromatic White Color Sensor
The XYZ Chromatic White Color sensor is a next-generation
digital color sensor device. Each channel is a designed to meet
the X, Y, Z standard observer filter characteristics compliant
with the CIE 1931 standard or an NIR spectrum.
The sensor contains analog-to-digital converters (16-bit
resolution ADC), which integrate the current from each
channel’s photodiode. Upon completion of the conversion
cycle, the integrated result is transferred to the corresponding
data registers. The transfers are double-buffered to ensure that
the integrity of the data is maintained.
Standard observer interference filters realize the XYZ response,
which enables minimal life-time drift and very high
temperature stability. Filter accuracy will be affected by the
angle of incidence which itself is limited by an integrated
aperture and an internal micro-lens structure. The
aperture-limited field of view is ±20.5° to deliver specified
accuracy.
Detailed Descriptions
AS7261
RC Osc
VDD1
VDD2
GND
16MHz
MISO
SCK
MOSI
CSN_SD
RESN
°C
Cognitive Light
Engine (CLE)
SPI
Master
TX / SDA_S
RX / SCL_S
UART / I
2
C
LED_DRV
XY
Z
Multi
Spectral
Sensor
D
LED_IND
C NIR
I2C_ENB
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com