Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 20Page - OSRAM GmbH AS7261 Datasheet HTML 21Page - OSRAM GmbH AS7261 Datasheet HTML 22Page - OSRAM GmbH AS7261 Datasheet HTML 23Page - OSRAM GmbH AS7261 Datasheet HTML 24Page - OSRAM GmbH AS7261 Datasheet HTML 25Page - OSRAM GmbH AS7261 Datasheet HTML 26Page - OSRAM GmbH AS7261 Datasheet HTML 27Page - OSRAM GmbH AS7261 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
ams Datasheet
Page 23
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Detailed Descriptions
Figure 23:
FW Version Registers
Figure 24:
Control Setup Register
Addr: 0x02
FW_Version
Bit
Bit Name
Default
Access
Bit Description
7:6
Minor version
R
Minor version [1:0]
5:0
Sub version
R
Sub version
Addr: 0x03
FW_Version
Bit
Bit Name
Default
Access
Bit Description
7:4
Major version
R
Major version
3:0
Minor version
R
Minor version [5:2]
Addr: 0x04/0x84
Control_Setup
Bit
Bit Name
Default
Access
Bit Description
7RST
0
R/W
Soft Reset, Set to 1 for soft reset, goes to 0
automatically after the reset
6INT
0
R/W
Enable interrupt pin output (INT),
1: Enable,
0: Disable
5:4
GAIN
10
R/W
Sensor Channel Gain Setting (all channels)
‘b00=1x; ‘b01=3.7x; ‘b10=16x; ‘b11=64x;
3:2
BANK
10
R/W
Data Conversion Type (continuous)
‘b00=Mode 0: X, Y, Z and NIR
‘b01=Mode 1: X, Y, D and C
‘b10=Mode 2: X, Y, Z, NIR, D and C
‘b11=Mode 3: One-Shot operation
1DATA_RDY0
R/W
1: Data Ready to Read, sets INT active if
interrupt is enabled.
Can be polled if not using INT.
0
RSVD
0
R
Reserved; Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com