Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 37Page - OSRAM GmbH AS7261 Datasheet HTML 38Page - OSRAM GmbH AS7261 Datasheet HTML 39Page - OSRAM GmbH AS7261 Datasheet HTML 40Page - OSRAM GmbH AS7261 Datasheet HTML 41Page - OSRAM GmbH AS7261 Datasheet HTML 42Page - OSRAM GmbH AS7261 Datasheet HTML 43Page - OSRAM GmbH AS7261 Datasheet HTML 44Page - OSRAM GmbH AS7261 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − Soldering & Storage Information
Floor Life
The CS package has been assigned a moisture sensitivity level
of MSL 2. As a result, the floor life of devices removed from the
moisture barrier bag is 1 year from the time the bag was opened,
provided that the devices are stored under the following
conditions:
• Floor Life: 1 year
• Ambient Temperature: <30°C
• Relative Humidity:<60%
If the floor life or the temperature/humidity conditions have
been exceeded, the devices must be rebaked prior to solder
reflow or dry packing.
Rebaking Instructions
When the shelf life or floor life limits have been exceeded,
rebake at 50°C for 12 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com