Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 36Page - OSRAM GmbH AS7261 Datasheet HTML 37Page - OSRAM GmbH AS7261 Datasheet HTML 38Page - OSRAM GmbH AS7261 Datasheet HTML 39Page - OSRAM GmbH AS7261 Datasheet HTML 40Page - OSRAM GmbH AS7261 Datasheet HTML 41Page - OSRAM GmbH AS7261 Datasheet HTML 42Page - OSRAM GmbH AS7261 Datasheet HTML 43Page - OSRAM GmbH AS7261 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
ams Datasheet
Page 39
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Soldering & Storage Information
Manufacturing Process Considerations
The AS7261 package is compatible with standard reflow
no-clean and cleaning processes including aqueous, solvent or
ultrasonic techniques. However, as an open-aperture device,
precautions must be taken to avoid particulate or solvent
con-tamination as a result of any manufacturing processes,
including pick and place, reflow, cleaning, integration assembly
and/or testing. Temporary covering of the ap-erture is allowed.
To avoid degradation of accuracy or performance in the end
prod-uct, care should be taken that any temporary covering and
associated seal-ants/debris are thoroughly removed prior to
any optical testing or final packaging.
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is baked prior to being
dry packed for shipping.
Devices are dry packed in a sealed aluminized envelope called
a moisture-barrier bag with silica gel to protect them from am-
bient moisture during shipping, handling, and storage before
use.
Shelf Life
The calculated shelf life of the device in an unopened moisture
barrier bag is 12 months from the date code on the bag when
stored under the following conditions:
• Shelf Life: 12 months
• Ambient Temperature: < 40°C
• Relative Humidity: < 90%
Rebaking of the devices will be required if the devices exceed
the 12 month shelf life or the Humidity Indicator Card shows
that the devices were exposed to conditions beyond the allow-
able moisture region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com