Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 30Page - OSRAM GmbH AS7261 Datasheet HTML 31Page - OSRAM GmbH AS7261 Datasheet HTML 32Page - OSRAM GmbH AS7261 Datasheet HTML 33Page - OSRAM GmbH AS7261 Datasheet HTML 34Page - OSRAM GmbH AS7261 Datasheet HTML 35Page - OSRAM GmbH AS7261 Datasheet HTML 36Page - OSRAM GmbH AS7261 Datasheet HTML 37Page - OSRAM GmbH AS7261 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
ams Datasheet
Page 33
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Application Information
Figure 33:
AS7261 Typical Application Circuit
Application Information
AS7261
1
17
14
2
7
6
5
4
3
8
16
15
18
11
12
13
9
10
20
19
VDD1
VDD2
RESN
GND
LED_DRV
LED_IND
RX/SCL_S
TX/SDA_S
INT
CSN_SD
CSN_EE
MISO
MOSI
SCK
I2C_ENB
NC
NC
NC
NC
NC
Flash
Memory
1/CS
2
6
5
DO
DI
CLK
/HOLD
/WP
3
7
3V3
3V3
3V3
Vled
RST
RX
TX
INT
100nF 10uF
10K
1uF
DNP
0R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com