Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 28Page - OSRAM GmbH AS7261 Datasheet HTML 29Page - OSRAM GmbH AS7261 Datasheet HTML 30Page - OSRAM GmbH AS7261 Datasheet HTML 31Page - OSRAM GmbH AS7261 Datasheet HTML 32Page - OSRAM GmbH AS7261 Datasheet HTML 33Page - OSRAM GmbH AS7261 Datasheet HTML 34Page - OSRAM GmbH AS7261 Datasheet HTML 35Page - OSRAM GmbH AS7261 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ams Datasheet
Page 31
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Detailed Descriptions
Sensor Configuration
ATINTTIME=<value>OK
Set sensor integration time. Values should be in the range
[1... 255], with
integration time = <value> * 2.8msecs.
ATINTTIME
<value> OK
Read sensor integration time, with
integration time = <value> * 2.8msecs.
ATGAIN=<value>
OK
Set sensor gain: 0=1X, 1=3.7X, 2=16X, 3=64X
ATGAIN
<value>OK
Read sensor gain setting, returning 0, 1, 2, or 3 as defined
immediately above.
ATTEMP
<value>OK
Read temperature of chip in Celsius
ATTCSMD=<value>
OK
Set Chromatic White Color Sensor Mode
0  Captures X, Y, Z, and IR (1 integration period)
1  Captures X, Y, Dk, and CLR (1 integration period)
2  Captures X, Y, Z, Dk, IR and CLR
(2 integration period)
3  Sensors are OFF
ATTCSMD
<value> OK
Read Color Sensor Mode, see above
ATINTRVL=<value>
OK
Set the sampling interval as an integer multiple of the
Integration time. The <value> is an integer between
[1..255].
A sampling interval=1 implies a sampling rate of 1x the
current integration time.
A sampling interval=255 implies a slow sampling rate of
255 times the current integration time.
ATINTRVL
<value>OK
Read the sampling interval as an integer multiple of the
Integration time.
Returns an integer in the range [1..255] as defined above
ATBURST=<value>.
OK
<value>= # of samples
(ATBURST=1 means run until ATBURST=0 is received (a
special case for continuous output)
LED Driver Controls
ATLED0=<value>
OK
Sets LED_IND: 100=ON, 0=OFF
ATLED0
<100|0>OK
Reads LED_IND setting: 100=ON, 0=OFF
ATLED1=<value>
OK
Sets LED_DRV: 100=ON, 0=OFF
ATLED1
<100|0>OK
Reads LED_DRV setting: 100=ON, 0=OFF
ATLEDC=<value>
OK
Sets LED_IND and LED_DRV current
LED_IND: bits 3:0; LED_DRV: 7:4 bits
LED_IND: ‘b00=1mA; ‘b01=2mA; ‘b10=4mA; ‘b11=8mA
LED_DRV: ‘b00=12.5mA; ‘b01=25mA; ‘b10=50mA;
‘b11=100mA
ATLEDC
<value>OK
Reads LED_IND and LED_DRV current settings as shown
above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com