Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 21Page - OSRAM GmbH AS7261 Datasheet HTML 22Page - OSRAM GmbH AS7261 Datasheet HTML 23Page - OSRAM GmbH AS7261 Datasheet HTML 24Page - OSRAM GmbH AS7261 Datasheet HTML 25Page - OSRAM GmbH AS7261 Datasheet HTML 26Page - OSRAM GmbH AS7261 Datasheet HTML 27Page - OSRAM GmbH AS7261 Datasheet HTML 28Page - OSRAM GmbH AS7261 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − Detailed Descriptions
Figure 25:
Integration Time Register
Figure 26:
Device Temperature Register
Figure 27:
LED Control Register
Addr: 0x05/0x85
INT_T
Bit
Bit Name
Default
Access
Bit Description
7:0
INT_T
0xFF
R/W
Integration time = <value> * 2.8ms
Addr: 0x06
Device_Temp
Bit
Bit Name
Default
Access
Bit Description
7:0
Device_Temp
0xFF
R/W
Internal device temperature data byte (°C)
Addr: 0x07/0x87
LED Control
Bit
Bit Name
Default
Access
Bit Description
7:6
RSVD
0
R
Reserved
5:4
ICL_DRV
00
R/W
LED_DRV current limit
‘b00=12.5mA; ‘b01=25mA; ‘b10=50mA;
‘b11=100mA;
3LED_DRV
0
R/W
Enable LED_DRV
1: Enabled;
0: Disabled
2:1
ICL_IND
00
R/W
LED_IND current limit
‘b00=1mA; ‘b01=2mA; ‘b10=4mA;
‘b11=8mA;
0LED_IND
0
R/W
Enable LED_IND
1: Enabled;
0: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com