Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 14Page - OSRAM GmbH AS7261 Datasheet HTML 15Page - OSRAM GmbH AS7261 Datasheet HTML 16Page - OSRAM GmbH AS7261 Datasheet HTML 17Page - OSRAM GmbH AS7261 Datasheet HTML 18Page - OSRAM GmbH AS7261 Datasheet HTML 19Page - OSRAM GmbH AS7261 Datasheet HTML 20Page - OSRAM GmbH AS7261 Datasheet HTML 21Page - OSRAM GmbH AS7261 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ams Datasheet
Page 17
[v1-00] 2016-Dec-30
Document Feedback
AS7261 − Detailed Descriptions
I²C Feature List
• Fast mode (400kHz) and standard mode (100kHz) support
• 7+1-bit addressing mode
• Write format: Byte
• Read format: Byte
Figure 19:
I²C Slave Device Address and Physical Registers
I²C Virtual Register Write Access
I²C Virtual Resister Byte Write, detailed below, shows the
pseudocode necessary to write virtual registers on the AS7261.
Note that, because the actual registers of interest are realized
as virtual registers, a means of indicating whether there is a
pending read or write operation of a given virtual register is
needed. To convey this information, the most significant bit of
the virtual register address is used as a marker. If it is 1, then a
write is pending, otherwise the slave is expecting a virtual read
operation. The pseudocode illustrates the proper technique for
polling of the I²C slave status register to ensure the slave is ready
for each transaction.
Entity
Description
Note
Device Slave
Address
8-bit Slave Address
Byte = 1001001x (device address = 49 hex)
x= 1 for Master Read (byte = 93 hex)
x= 0 for Master Write (byte = 92 hex)
STATUS Register
I²C slave interface STATUS
register
Read-only
Register Address = 0x00
Bit 1: TX_VALID
0  New data may be written to WRITE register
1  WRITE register occupied. Do NOT write.
Bit 0: RX_VALID
0  No data is ready to be read in READ register.
1  Data byte available in READ register.
WRITE Register
I²C slave interface WRITE
register
Write-only
Register Address = 0x01
8-Bits of data written by the I²C Master intended for
receipt by the I²C slave. Used for both virtual register
addresses and write data.
READ Register
I²C slave interface READ
register
Read-only
Register Address = 0x02
8-Bits of data to be read by the I²C Master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com