Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 4Page - OSRAM GmbH AS7421 Datasheet HTML 5Page - OSRAM GmbH AS7421 Datasheet HTML 6Page - OSRAM GmbH AS7421 Datasheet HTML 7Page - OSRAM GmbH AS7421 Datasheet HTML 8Page - OSRAM GmbH AS7421 Datasheet HTML 9Page - OSRAM GmbH AS7421 Datasheet HTML 10Page - OSRAM GmbH AS7421 Datasheet HTML 11Page - OSRAM GmbH AS7421 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Document Feedback
AS7421
Pin Assignment
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 7
Pin Number
Pin Name
Pin Type(1)
Description
9
SDA
D_I/O
Serial Interface data signal line for I2C
interface.
Connect pull up resistor to 1.8 V or 3.3 V.
10
SCL
DI
Serial Interface clock signal line for I2C
interface.
Connect pull up resistor to 1.8 V or 3.3 V.
11
GND
P
Exposed pad, connect to GND with thermal
vias.
12
LED A
A_I
Exposed pad, connect to LED A.
(1)
Explanation of abbreviations:
DI
Digital Input
D_I/O
Digital Input/Output
DO_OD
Digital Output, open drain
P
Power pin
A_I
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com