Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 29Page - OSRAM GmbH AS7421 Datasheet HTML 30Page - OSRAM GmbH AS7421 Datasheet HTML 31Page - OSRAM GmbH AS7421 Datasheet HTML 32Page - OSRAM GmbH AS7421 Datasheet HTML 33Page - OSRAM GmbH AS7421 Datasheet HTML 34Page - OSRAM GmbH AS7421 Datasheet HTML 35Page - OSRAM GmbH AS7421 Datasheet HTML 36Page - OSRAM GmbH AS7421 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 32
10.2.2
LTF_ITIME Register (Address 0x61, 0x62, 0x63)
Register 0x61, 0x62 and 0x63 program the integration time of the LTF converter. The integration time
is set as follows:
������������������������ = (������������������_������������������������������ + 1) ×
1
������_������������������������������������
Figure 28:
LTF_ITIME_L Register
Addr: 0x61
LTF_ITIME_L
Bit
Bit Name
Default
Access
Bit Description
7:0
LTF_ITIME
0
RW
Integration time
Low byte of integration time. Do not change during
LTF_EN = “1”.
Figure 29:
LTF_ITIME_M Register
Addr: 0x62
LTF_ITIME_M
Bit
Bit Name
Default
Access
Bit Description
15:8
LTF_ITIME
0
RW
Integration time
Middle byte of integration time. Do not change during
LTF_EN = “1”.
Figure 30:
LTF_ITIME_H Register
Addr: 0x63
LTF_ITIME_H
Bit
Bit Name
Default
Access
Bit Description
23:16
LTF_ITIME
0
RW
Integration time
High byte of integration time. Do not change during
LTF_EN = “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com