Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 4 Page - OSRAM GmbH

  AS7421 Datasheet HTML 1Page - OSRAM GmbH AS7421 Datasheet HTML 2Page - OSRAM GmbH AS7421 Datasheet HTML 3Page - OSRAM GmbH AS7421 Datasheet HTML 4Page - OSRAM GmbH AS7421 Datasheet HTML 5Page - OSRAM GmbH AS7421 Datasheet HTML 6Page - OSRAM GmbH AS7421 Datasheet HTML 7Page - OSRAM GmbH AS7421 Datasheet HTML 8Page - OSRAM GmbH AS7421 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Document Feedback
AS7421
General Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 3
1
General Description
AS7421 is a 64-channel near infrared digital spectrometer for spectral identification and spectral
footprint analysis used in consumer devices. The spectral response of the sensor is defined in the
wavelengths from approximately 750 nm to 1050 nm and the channels are equally distributed over the
mentioned range. Once a spectral measurement is started, all 64 channels are processed
automatically by 16 parallel sampling ADCs with four consecutive integration cycles.
AS7421 integrates Fabry-Perot filters into standard CMOS silicon via nano-optic deposited
interference filter technology and its package provides a built in aperture and micro optics to control
the light entering the sensor array. In addition, the module provides a near infrared (NIR) light source
and an integrated LED driver to control it.
Control and spectral data access is implemented through a serial I²C interface. A GPIO and an
interrupt signal are available to start/synchronize the spectral measurement as well as minimize I²C
traffic.
1.1
Key Benefits & Features
The benefits and features of AS7421, 64-Channel Hyperspectral NIR Sensor, are listed below:
Figure 1:
Added Value of Using AS7421
Benefits
Features
Miniaturized reflectance/absorbance spectral
analysis and material identification in NIR range
61 individual and 4 special purpose spectral
channels with a FWHM of typical 10 nm
16-bit full scale resolution per spectral channel
Fast measurement time
16 parallel sampling ADCs with individual gain
settings
256 ms to obtain measurement data for all 64
channels
High module integration and low BOM
Integrated 64-channel sensor with on-chip
Fabry-Perot filters
Integrated NIR light source (LED) to cover
750 - 1050 nm range
Integrated programmable LED driver
Integrated optics to limit AOI on sensor
Low power consumption and minimum I²C traffic
3.3 V VDD operation
Configurable sleep mode
Interrupt-driven device
Synchronization of spectral measurement
Configurable GPIO to trigger/sync spectral
measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com