Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 10Page - OSRAM GmbH AS7421 Datasheet HTML 11Page - OSRAM GmbH AS7421 Datasheet HTML 12Page - OSRAM GmbH AS7421 Datasheet HTML 13Page - OSRAM GmbH AS7421 Datasheet HTML 14Page - OSRAM GmbH AS7421 Datasheet HTML 15Page - OSRAM GmbH AS7421 Datasheet HTML 16Page - OSRAM GmbH AS7421 Datasheet HTML 17Page - OSRAM GmbH AS7421 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Document Feedback
AS7421
Electrical Characteristics
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 13
Re_PD38
Irradiance responsivity
AGAIN: 128x;
λ
p: 985 nm
225
counts / (µW/cm²)
Re_PD39
Irradiance responsivity
AGAIN: 128x;
λ
p: 1025 nm
104
counts / (µW/cm²)
Re_PD40
Irradiance responsivity
AGAIN: 64x;
λ
p: 765 nm
397
counts / (µW/cm²)
Re_PD41
Irradiance responsivity
AGAIN: 64x;
λ
p: 805 nm
418
counts / (µW/cm²)
Re_PD42
Irradiance responsivity
AGAIN: 64x;
λ
p: 845 nm
371
counts / (µW/cm²)
Re_PD43
Irradiance responsivity
AGAIN: 64x;
λ
p: 885 nm
354
counts / (µW/cm²)
Re_PD44
Irradiance responsivity
AGAIN: 64x;
λ
p: 915 nm
269
counts / (µW/cm²)
Re_PD45
Irradiance responsivity
AGAIN: 64x;
λ
p: 955 nm
177
counts / (µW/cm²)
Re_PD46
Irradiance responsivity
AGAIN: 128x;
λ
p: 995 nm
203
counts / (µW/cm²)
Re_PD47
Irradiance responsivity
AGAIN: 128x;
λ
p: 1035 nm
90
counts / (µW/cm²)
Re_PD48
Irradiance responsivity
AGAIN: 64x;
λ
p: 755 nm
375
counts / (µW/cm²)
Re_PD49
Irradiance responsivity
AGAIN: 64x;
λ
p: 795 nm
401
counts / (µW/cm²)
Re_PD50
Irradiance responsivity
AGAIN: 64x;
λ
p: 835 nm
387
counts / (µW/cm²)
Re_PD51
Irradiance responsivity
AGAIN: 64x;
λ
p: 875 nm
320
counts / (µW/cm²)
Re_PD52
Irradiance responsivity
AGAIN: 64x;
λ
p: 926 nm
239
counts / (µW/cm²)
Re_PD53
Irradiance responsivity
AGAIN: 64x;
λ
p: 965 nm
163
counts / (µW/cm²)
Re_PD54
Irradiance responsivity
AGAIN: 128x;
λ
p: 1005 nm
169
counts / (µW/cm²)
Re_PD55
Irradiance responsivity
AGAIN: 128x;
λ
p: 1045 nm
74
counts / (µW/cm²)
Re_PD56
Irradiance responsivity
AGAIN: 64x;
λ
p: 830 nm
403
counts / (µW/cm²)
Re_PD57
Irradiance responsivity
AGAIN: 64x;
λ
p: 785 nm
413
counts / (µW/cm²)
Re_PD58
Irradiance responsivity
AGAIN: 64x;
λ
p: 825 nm
327
counts / (µW/cm²)
Re_PD59
Irradiance responsivity
AGAIN: 64x;
λ
p: 865 nm
214
counts / (µW/cm²)
Re_PD60
Irradiance responsivity
AGAIN: 64x;
λ
p: 935 nm
214
counts / (µW/cm²)
Re_PD61
Irradiance responsivity
AGAIN: 64x;
λ
p: 975 nm
143
counts / (µW/cm²)
Re_PD62
Irradiance responsivity
AGAIN: 128x;
λ
p: 1015 nm
134
counts / (µW/cm²)
Re_PD63
Irradiance responsivity
AGAIN: 64x;
λ
p: 830 nm
426
counts / (µW/cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com