Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 38Page - OSRAM GmbH AS7421 Datasheet HTML 39Page - OSRAM GmbH AS7421 Datasheet HTML 40Page - OSRAM GmbH AS7421 Datasheet HTML 41Page - OSRAM GmbH AS7421 Datasheet HTML 42Page - OSRAM GmbH AS7421 Datasheet HTML 43Page - OSRAM GmbH AS7421 Datasheet HTML 44Page - OSRAM GmbH AS7421 Datasheet HTML 45Page - OSRAM GmbH AS7421 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 41
10.2.18
STATUS_3 Register (Address 0x73)
Figure 48:
STATUS_3 Register
Addr: 0x73
STATUS_3
Bit
Bit Name
Default
Access
Bit Description
7:0
LTF_ASAT [15:8]
0
RO
Analog saturation
If set to “1”, analog saturation of modulators 8 to 15.
10.2.19
STATUS_6 Register (Address 0x76)
Figure 49:
STATUS_6 Register
Addr: 0x76
STATUS_6
Bit
Bit Name
Default
Access
Bit Description
6
TEMP_ASAT
0
RO
Analog saturation of temperature.
5
LTF_READY
0
RO
Measurement is finished. New measurement can be
started.
4
LTF_BUSY
0
RO
Measurement is active. New measurement cannot be
started.
10.2.20
STATUS_7 Register (Address 0x77)
The register STATUS_7 contains the information to the interrupt status. The interrupt status is
automatically reset after reading the corresponding bit.
Before reading the data of the last measurement register STATUS_7 has to be read first.
Figure 50:
STATUS_7 Register
Addr: 0x77
STATUS_7
Bit
Bit Name
Default
Access
Bit Description
7:6
I2C_DATA_PTR
10
RO
Information to read data pointer for the temperature
and spectral measurement data.
5
DLOST
0
RO
Measurement data has been lost. Time for reading is
larger than the time of a measurement.
4
DSAT
0
RO
Digital saturation occurred during the measurement.
3
ASAT
0
RO
Analog saturation occurred during the measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com