Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 8Page - OSRAM GmbH AS7421 Datasheet HTML 9Page - OSRAM GmbH AS7421 Datasheet HTML 10Page - OSRAM GmbH AS7421 Datasheet HTML 11Page - OSRAM GmbH AS7421 Datasheet HTML 12Page - OSRAM GmbH AS7421 Datasheet HTML 13Page - OSRAM GmbH AS7421 Datasheet HTML 14Page - OSRAM GmbH AS7421 Datasheet HTML 15Page - OSRAM GmbH AS7421 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Document Feedback
AS7421
Electrical Characteristics
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 11
Figure 7:
Optical Characteristics of AS7421, Integration Time = 65.5 ms (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FWHM
Full width half maximum of
filter (8)
10
nm
λ
s
Peak Wavelength
Separation
5
nm
dark
Dark ADC count value
Ee = 0
μW/cm²
AGAIN: 128x
Integration time: 65.5 ms
5
counts
Gain ratio
Optical gain ratios, relative
to 1x gain setting
AGAIN: 1x
1
AGAIN: 2x
2
AGAIN: 4x
4
AGAIN: 8x
8
AGAIN: 16x
16
AGAIN: 32x
32
AGAIN: 64x
64
AGAIN: 128x
128
AGAIN: 256x
256
SNRSYSTEM
Signal to noise ratio of
optical system (1) (2)
Range: 750 nm
– 1050 nm
500
ImSR
Intra-module spectral
repeatability (1) (3)
Range: 750 nm
– 1050 nm
0.5
%
IMSR
Inter-module spectral
repeatability (1) (4)
Range: 750 nm
– 1050 nm
5
%
Wacc
Wavelength accuracy (1) (7)
5
nm
tint
Integration time (5)
0.5
65.5
256
ms
t64CH
Measurement time for all 64
channel (6)
4 x tint
ms
f
Field of view of
single photo diode
-10
10
deg
(1)
Parameter not tested in final test but guaranteed by design and validation.
(2)
Verified with raw spectral data collected with reflectance standard sample (RSS) with reflectance of 99% (white diffusive
target). Average and standard deviation is calculated for each channel (
λ
CH) for 10 measurements. SNRSYSTEM = µ(λCH) /
σ(λ
CH).
(3)
Verified with raw spectral data collected with reflectance standard sample (RSS, 10 measurements per channel) with
reflectance of 99% (white diffusive target) and wavelength calibration standard zenith polymer (WCS, 100
measurements per channel).
(4)
Verified with raw spectral data collected with reflectance standard sample (RSS, 10 measurements per channel for 10
devices) with reflectance of 99% (white diffusive target) and wavelength calibration standard zenith polymer (WCS, 100
measurements per channel for 10 devices).
(5)
65.5 ms integration time to achieve 16-bit count value (depending on amount of light reflected to sensor)
(6)
4 integration cycles are done automatically to process all 64 channels.
(7)
Verified after full sensor calibration. Raw spectral data recorded for each channel with wavelength calibration standard
zenith polymer (WCS, 10 measurements per channel).
(8)
Parameter verified with collimated light at 0° AOI (angle of incidence).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com