Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 13Page - OSRAM GmbH AS7421 Datasheet HTML 14Page - OSRAM GmbH AS7421 Datasheet HTML 15Page - OSRAM GmbH AS7421 Datasheet HTML 16Page - OSRAM GmbH AS7421 Datasheet HTML 17Page - OSRAM GmbH AS7421 Datasheet HTML 18Page - OSRAM GmbH AS7421 Datasheet HTML 19Page - OSRAM GmbH AS7421 Datasheet HTML 20Page - OSRAM GmbH AS7421 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
Document Feedback
AS7421
Functional Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 16
7
Functional Description
Upon power-up (POR), the device initializes. It is required that VDD is applied and settled 10 ms
before the supply voltage of the NIR light source is applied (VLED_A). During power down VLED_A
needs to be turned off 10 ms prior VDD.
During initialization, the device cannot accept I²C transactions. All communication with the device must
be delayed and all outputs from the device must be ignored including interrupts. After initialization, the
device enters the SLEEP state. In this operational state, the internal oscillator and other circuitry are
not active, resulting in ultra-low power consumption. If an I²C transaction occurs during this state, the
I²C core wakes up temporarily to service the communication. Once the Power ON bit,
“PON”, is
enabled, the device enters the IDLE state in which the internal oscillator and attendant circuitry are
active, but power consumption remains low. Whenever the spectral measurement is enabled
(LTF_ON =
“1”) the device enters the ACTIVE state. If the spectral measurement is disabled
(LTF_ON =
“0”) the device returns to the IDLE state. The figure below describes a simplified state
diagram and the typical supply currents in each state. The power consumption in ACTIVE state does
not include the power consumption to drive the NIR LEDs.
Figure 12:
Start Up Flow-Chart
Power On
VDD > VDD_POR
Reg 0x60 bit
PON = „1"
Reg 0x60 bit
LTF_ON = „1"
SLEEP
IDD = 2µA (typ)
IDLE
IDD = 200µA (typ)
ACTIVE
Spectral measurement
IDD = 2.5mA (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com