Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7421 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS7421
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7421 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS7421 Datasheet HTML 15Page - OSRAM GmbH AS7421 Datasheet HTML 16Page - OSRAM GmbH AS7421 Datasheet HTML 17Page - OSRAM GmbH AS7421 Datasheet HTML 18Page - OSRAM GmbH AS7421 Datasheet HTML 19Page - OSRAM GmbH AS7421 Datasheet HTML 20Page - OSRAM GmbH AS7421 Datasheet HTML 21Page - OSRAM GmbH AS7421 Datasheet HTML 22Page - OSRAM GmbH AS7421 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Document Feedback
AS7421
Functional Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 18
7.2
Sensor Array
The device features an 8 x 8-photodiode array
– each photo diode has its own filter with a dedicated
response. The pitch between each photo-diode is 200 µm. Four photodiodes (corner) share the same
wavelength response.
Figure 14:
Photodiode Array
7.3
SMUX Configuration
The device integrates a multiplexer (SMUX). With the SMUX, it is possible to map all available photo
diodes to one of four pre-defined ADCs. In total sixteen ADCs are available for data processing. After
power up of the device the SMUX needs to be configured and the configuration data is stored in the
RAM. ams OSRAM provides reference codes and an application note on how to configure the SMUX.
7.4
ADC Gain Configuration
The gain of each modulator (ADC) can be adjusted individually. Eight configuration steps are
available, from AGAIN “0” (gain factor 1x) to AGAIN “8” which equals a gain ration of 256x.
ams OSRAM provides reference codes and an application note on how to configure the AGAIN values
of AS7421.
830
nm
750
790
870
760
800
840
880
770
810
850
890
780
820
860
900
775
815
855
895
765
805
845
885
755
795
835
875
830
nm
785
825
865
940
980
1020
830
nm
930
970
1010
1050
920
960
1000
1040
910
950
990
1030
905
945
985
1025
915
955
995
1035
925
965
1005
1045
935
975
1015
830
nm
1600µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com