Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3200 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 3Page - OSRAM GmbH TCS3200 Datasheet HTML 4Page - OSRAM GmbH TCS3200 Datasheet HTML 5Page - OSRAM GmbH TCS3200 Datasheet HTML 6Page - OSRAM GmbH TCS3200 Datasheet HTML 7Page - OSRAM GmbH TCS3200 Datasheet HTML 8Page - OSRAM GmbH TCS3200 Datasheet HTML 9Page - OSRAM GmbH TCS3200 Datasheet HTML 10Page - OSRAM GmbH TCS3200 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3200 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Figure 7:
Recommended Operating Conditions
Figure 8:
Electrical Characteristics at TA = 25°C, VDD = 5V (unless otherwise noted)
Note(s):
1. Full-scale frequency is the maximum operating frequency of the device without saturation.
Symbol
Parameter
Min
Nom
Max
Unit
VDD
Supply voltage
2.7
5
5.5
V
VIH
High-level input voltage
VDD = 2.7V to 5.5V
2
VDD
V
VIL
Low-level input voltage
VDD = 2.7V to 5.5V
00.8
V
TA
Operating free-air temperature range
-40
70
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOH
High-level output voltage
IOH = -2mA
44.5
V
VOL
Low-level output voltage
IOL = 2mA
0.25
0.40
V
IIH
High-level input current
5
μA
IIL
Low-level input current
5
μA
IDD
Supply current
Power-on mode
1.4
2
mA
Power-down mode
0.1
μA
Full-scale frequency (1)
S0 = H, S1 = H
500
600
kHz
S0 = H, S1 = L
100
120
kHz
S0 = L, S1 = H
10
12
kHz
Temperature coefficient of
responsivity
λ ≤ 700nm, -25°C ≤ TA ≤ 70°C
±200
ppm/°C
kSVS
Supply voltage sensitivity
VDD = 5V ±10%
±0.5
%/V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com