Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3200 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 4Page - OSRAM GmbH TCS3200 Datasheet HTML 5Page - OSRAM GmbH TCS3200 Datasheet HTML 6Page - OSRAM GmbH TCS3200 Datasheet HTML 7Page - OSRAM GmbH TCS3200 Datasheet HTML 8Page - OSRAM GmbH TCS3200 Datasheet HTML 9Page - OSRAM GmbH TCS3200 Datasheet HTML 10Page - OSRAM GmbH TCS3200 Datasheet HTML 11Page - OSRAM GmbH TCS3200 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ams Datasheet
Page 7
[v1-01] 2018-Mar-14
Document Feedback
TC S3200 − Electrical Characteristics
Figure 9:
Operating Characteristics at VDD = 5V, TA = 25°C, S0 = H, S1 = H (unless otherwise noted)
(1), (2), (3), (4)
Symbol
Parameter
Test
Conditions
Clear
Photodiode
S2 = H, S3 = L
Blue
Photodiode
S2 = L, S3 = H
Green
Photodiode
S2 = H, S3 = H
Red
Photodiode
S2 = L, S3 = L
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fO
Output
frequency (5)
Ee = 47.2μW/cm
2
λp = 470nm
12.5
15.6
18.7
61%
84%
22%
43%
0%
6%
kHz
Ee = 40.4μW/cm
2
λp = 524nm
12.5
15.6
18.7
8%
28%
57%
80%
9%
27%
Ee = 34.6μW/cm
2
λp = 640nm
13.1
16.4
19.7
5%
21%
0%
12%
84%
105%
Re
Irradiance
responsivity (6)
λp = 470nm
331
61%
84%
22%
43%
0%
6%
Hz/
(μW/
cm2)
λp = 524nm
386
8%
28%
57%
80%
9%
27%
λp = 640nm
474
5%
21%
0%
12%
84%
105%
Saturation
irradiance (7)
λp = 470nm
1813
--
--
--
μW/
cm2
λp = 524nm
1554
--
--
--
λp = 640nm
1266
--
--
--
fD
Dark
frequency
Ee = 0
210
2
10
2
10
2
10
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com