Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3200 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 13Page - OSRAM GmbH TCS3200 Datasheet HTML 14Page - OSRAM GmbH TCS3200 Datasheet HTML 15Page - OSRAM GmbH TCS3200 Datasheet HTML 16Page - OSRAM GmbH TCS3200 Datasheet HTML 17Page - OSRAM GmbH TCS3200 Datasheet HTML 18Page - OSRAM GmbH TCS3200 Datasheet HTML 19Page - OSRAM GmbH TCS3200 Datasheet HTML 20Page - OSRAM GmbH TCS3200 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3200 − Packaging Mechanical Data
Figure 17:
Package D Carrier Tape
Note(s):
1. All linear dimensions are in millimeters [inches].
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001.
4. Each reel is 178 millimeters in diameter and contains 1000 parts.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481-B.
6. This drawing is subject to change without notice.
0.292
+ 0.013
[0.0115
+ 0.0005]
2.11
+ 0.10 [0.083 + 0.004]
2
+ 0.05
[0.079
+
0.002]
4
+ 0.1
[0.157
+
0.004]
1.75
+ 0.10
[0.069
+ 0.004]
12 + 0.3 − 0.1
[0.472 + 0.12 − 0.004]
SIDE VIEW
TOP VIEW
END VIEW
DETAIL B
5.50
+ 0.05
[0.217
+ 0.002]
8
+ 0.1
[0.315
+
0.004]
j 1.50
B
B
AA
6.45
+ 0.10
[0.254
+ 0.004]
5.13
+ 0.10
[0.202
+ 0.004]
DETAIL A
Ao
Bo
Ko



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com