Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3200 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 5Page - OSRAM GmbH TCS3200 Datasheet HTML 6Page - OSRAM GmbH TCS3200 Datasheet HTML 7Page - OSRAM GmbH TCS3200 Datasheet HTML 8Page - OSRAM GmbH TCS3200 Datasheet HTML 9Page - OSRAM GmbH TCS3200 Datasheet HTML 10Page - OSRAM GmbH TCS3200 Datasheet HTML 11Page - OSRAM GmbH TCS3200 Datasheet HTML 12Page - OSRAM GmbH TCS3200 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
T C S3 20 0 − Electrical Characteristics
Note(s):
1. Optical measurements are made using small-angle incident radiation from a light-emitting diode (LED) optical source.
2. The 470nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics:
peak wavelength λp = 470nm, spectral halfwidth Δλ½ = 35nm, and luminous efficacy = 75lm/W.
3. The 524nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics:
peak wavelength λp = 524nm, spectral halfwidth Δλ½ = 47nm, and luminous efficacy = 520lm/W.
4. The 640nm input irradiance is supplied by a AlInGaP light-emitting diode with the following characteristics:
peak wavelength λp = 640nm, spectral halfwidth Δλ½ = 17nm, and luminous efficacy = 155lm/W.
5. Output frequency Blue, Green, Red percentage represents the ratio of the respective color to the Clear channel absolute value.
6. Irradiance responsivity Re is characterized over the range from zero to 5kHz.
7. Saturation irradiance = (full-scale frequency)/(irradiance responsivity) for the Clear reference channel.
8. Nonlinearity is defined as the deviation of fO from a straight line between zero and full scale, expressed as a percent of full scale.
Nonlinearity (8)
fO = 0 to 5kHz
±0.1
±0.1
±0.1
±0.1
%F.S.
fO = 0 to 50kHz
±0.2
±0.2
±0.2
±0.2
fO = 0 to 500kHz
±0.5
±0.5
±0.5
±0.5
Recovery from
power down
100
100
100
100
μs
Response time
to output
enable (OE)
100
100
100
100
ns
Symbol
Parameter
Test
Conditions
Clear
Photodiode
S2 = H, S3 = L
Blue
Photodiode
S2 = L, S3 = H
Green
Photodiode
S2 = H, S3 = H
Red
Photodiode
S2 = L, S3 = L
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com