Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3200 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 6Page - OSRAM GmbH TCS3200 Datasheet HTML 7Page - OSRAM GmbH TCS3200 Datasheet HTML 8Page - OSRAM GmbH TCS3200 Datasheet HTML 9Page - OSRAM GmbH TCS3200 Datasheet HTML 10Page - OSRAM GmbH TCS3200 Datasheet HTML 11Page - OSRAM GmbH TCS3200 Datasheet HTML 12Page - OSRAM GmbH TCS3200 Datasheet HTML 13Page - OSRAM GmbH TCS3200 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ams Datasheet
Page 9
[v1-01] 2018-Mar-14
Document Feedback
TCS3200 − Typical Operating Characteristics
Figure 10:
Photodiode Spectral Responsivity
Figure 11:
Normalized Output Frequency vs. Angular Displacement
Typical Operating
Characteristics
300
500
700
900
1100
λ − Wavelength − nm
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
Blue
TA = 25°C
Green
Normalized to
Clear
@ 715 nm
Red
Blue
Green
Clear
Q − Angular Displacement − °
0
0.2
0.4
0.6
0.8
1
−90
−60
−30
0
30
60
90
Angular Displacement is
Equal for Both Aspects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com