Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3200 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 15Page - OSRAM GmbH TCS3200 Datasheet HTML 16Page - OSRAM GmbH TCS3200 Datasheet HTML 17Page - OSRAM GmbH TCS3200 Datasheet HTML 18Page - OSRAM GmbH TCS3200 Datasheet HTML 19Page - OSRAM GmbH TCS3200 Datasheet HTML 20Page - OSRAM GmbH TCS3200 Datasheet HTML 21Page - OSRAM GmbH TCS3200 Datasheet HTML 22Page - OSRAM GmbH TCS3200 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3200 − Manufacturing Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is baked prior to being
dry packed for shipping. Devices are dry packed in a sealed
aluminized envelope called a moisture-barrier bag with silica
gel to protect them from ambient moisture during shipping,
handling, and storage before use.
Shelf Life
The calculated shelf life of the device in an unopened moisture
barrier bag is 12 months from the date code on the bag when
stored under the following conditions:
• Shelf Life: 12 months
• Ambient Temperature: < 40°C
• Relative Humidity: < 90%
Rebaking of the devices will be required if the devices exceed
the 12-month shelf life or the Humidity Indicator Card shows
that the devices were exposed to conditions beyond the
allowable moisture region.
Floor Life
The D package has been assigned a moisture sensitivity level
of MSL 5a. As a result, the floor life of devices removed from the
moisture barrier bag is 24 hours from the time the bag was
opened, provided that the devices are stored under the
following conditions:
• Floor Life: 24 hours
• Ambient Temperature: < 30°C
• Relative Humidity: < 60%
If the floor life or the temperature/humidity conditions have
been exceeded, the devices must be rebaked prior to solder
reflow or dry packing.
Rebaking Instructions
When the shelf life or floor life limits have been exceeded,
rebake at 60°C for 24 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com