Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3200 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 3 Page - OSRAM GmbH

  TCS3200 Datasheet HTML 1Page - OSRAM GmbH TCS3200 Datasheet HTML 2Page - OSRAM GmbH TCS3200 Datasheet HTML 3Page - OSRAM GmbH TCS3200 Datasheet HTML 4Page - OSRAM GmbH TCS3200 Datasheet HTML 5Page - OSRAM GmbH TCS3200 Datasheet HTML 6Page - OSRAM GmbH TCS3200 Datasheet HTML 7Page - OSRAM GmbH TCS3200 Datasheet HTML 8Page - OSRAM GmbH TCS3200 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3200 − General Description
• Programmable Color and Full-Scale Output Frequency
• Communicates Directly with a Microcontroller
• Single-Supply Operation (2.7V to 5.5V)
• Power Down Feature
• Nonlinearity Error Typically 0.2% at 50kHz
• Stable 200ppm/°C Temperature Coefficient
• Low-Profile Lead (Pb) Free and RoHS Compliant
Surface-Mount Package
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
TCS3200 Block Diagram
Light
Current-to-Frequency
Converter
Photodiode
Array
S2
S3
S0
S1
OE
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com