Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3200 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TCS3200
Description  Programmable Color Light-to-Frequency Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3200 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TCS3200 Datasheet HTML 12Page - OSRAM GmbH TCS3200 Datasheet HTML 13Page - OSRAM GmbH TCS3200 Datasheet HTML 14Page - OSRAM GmbH TCS3200 Datasheet HTML 15Page - OSRAM GmbH TCS3200 Datasheet HTML 16Page - OSRAM GmbH TCS3200 Datasheet HTML 17Page - OSRAM GmbH TCS3200 Datasheet HTML 18Page - OSRAM GmbH TCS3200 Datasheet HTML 19Page - OSRAM GmbH TCS3200 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ams Datasheet
Page 15
[v1-01] 2018-Mar-14
Document Feedback
TCS3200 − Packaging Mechanical Data
This SOIC package consists of an integrated circuit mounted on
a lead frame and encapsulated with an electrically
nonconductive clear plastic compound. The TCS3200 has an
8 × 8 array of photodiodes with a total size of 1mm by 1mm.
The photodiodes are 110μm × 110μm in size and are positioned
on 134μm centers.
Figure 16:
Package D - TCS3200 Plastic Small Outline IC Packaging Configuration
Note(s):
1. All linear dimensions are in millimeters.
2. The center of the 1mm by 1mm photo-active area is referenced to the upper left corner tip of the lead frame (Pin 1).
3. Package is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. This drawing is subject to change without notice.
Packaging Mechanical Data
PACKAGE D
PLASTIC SMALL-OUTLINE
A
1.75
1.35
0.50
0.25
4.00
3.80
6.20
5.80
45
5
0.88 TYP TOP OF
SENSOR DIE
5.00
4.80
5.3
MAX
1.27
0.41
0.25
0.10
0.25
0.19
DETAIL A
PIN 1
6
y 1.27
0.510
0.330
8
y
j 2.8 TYP
CLEAR WINDOW
2.12
+ 0.250
3.00
+ 0.250
NOTE B
Pb
PIN 1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
END VIEW
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com