Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Type 5470
3 | 18
Visit product website 
1.
General technical data
Product properties
Materials
Body
Polyamide (PA)
Inner valve parts
Ultramid
Seal material
NBR
Weight
Approx. 120 g
Nominal diameter
DN 4.0
Nominal operating mode
Continuous operation
Electrical data
Operating voltage
24 V DC / 110…120 V DC / 220…240 V DC
For alternating voltage use valves with UC coil
Voltage tolerance
± 10 %
Electrical power consumption
Complies with the effective coil power in the ordering table
Detailed information can be found in chapter “5. Ordering information” on page 12.
Performance data
Pressure range
2…10 bar overpressure with respect to atmospheric pressure
Q
Nn value air
300 l/min
Flow rate value for air, measurement at + 20 °C, 6 bar pressure at the valve inlet
and 1 bar pressure difference
Electrical nominal power
2…3 W
Solenoids with integrated rectifier, LED and varistor (UC variant) solenoids
Switching times
DC: Opening: 15 ms, closing: 12 ms
AC: Opening: 15 ms, closing: 20 ms
Measurement at the valve outlet according to ISO 12238
Medium data
Operating media
Compressed air, neutral gases (5 µm filtration)
Medium temperature
- 10…+ 50 °C
Approvals and conformity
Type of protection
Standard version
PTB 01 ATEX 2175: II 2 G Ex ia IIC T5, T6 Gb
Explosion-proof version
IECEx PTB 06.0102: Ex ia IIC T5, T6 Gb
Protection class
IP65 with leads or cable plug Type 2516 
IP30 with cable plug Type 2505 
Process/Port connection & communication
Electrical connection
Connector lugs according to DIN EN 175301 - 803, Form C, for cable plugs Type 1057
and Type 2516; rectangular plug (5.08)
Detailed information can be found in chapter “5.4. Ordering table accessories” on
page 16.
Pressure ports 1 and 3
Module flange
Working ports 2 and 4 (variants)
Sleeve G ⅛
Sleeve NPT ⅛
Hose screw connection SL 6/4 mm
Plug-in coupling Ø 6 mm
Environment and installation
Ambient temperature
- 10…+ 55 °C
Accessories
Installation position
Any, preferably actuator face up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com