Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2012 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Visit product website 
DATA SHEET
Type 2012
Pneumatically operated
2/2-way globe valve
CLASSIC
Type 2516
Cable plug, form C
according to DIN EN
175301 - 803
Standard | EU | en | 2023 - 10 - 03 | 02
3/2- or 4/2-way solenoid valve for pneumat-
ics
• Compact design in 3/2- and 4/2-way versions
• Extendable valve block
• Reduced power consumption
• Different pneumatic connections available
• Robust construction
Valves of type 5470 consist of a type 6106 pilot rocker solenoid valve and a
pneumatic valve. An armature with a tilting bearing, similar to a rocker, tilts
within the body of the pilot valve, and switches the valve. The minimal tilting
movement of the rocker is non-wearing, and basic lubrication is unnecessary.
The type 5470 R is available as a 3/2 and 4/2-way valve. The valves can be
mounted together individually using the module flange. In various applica-
tions, they can be used advantageously as valve blocks. Different
variants are available for service ports 2 and 4.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 5470
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2012

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
2012 KEMET-2012 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Christian Bürkert GmbH ...
2012 BURKERT-2012 Datasheet
4Mb / 21P
AirLINE – the valve island optimised for process automation
04.10.2023
2012 BURKERT-2012 Datasheet
1Mb / 14P
AirLINE Field – the valve island – optimised for process automation
04.10.2023
2012 BURKERT-2012 Datasheet
1Mb / 14P
Accessories for pneumatic stroke and rotary actuators – CLASSIC and ELEMENT process valves
26.01.2022
2012 BURKERT-2012 Datasheet
4Mb / 16P
AirLINE Ex – electropneumatic automation system for use in potentially explosive areas
02.02.2024
More results

Similar Description - 2012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F64DM NSC-54F64DM Datasheet
130Kb / 6P
4-2-3-2-Input AND-OR-Invert Gate
logo
NXP Semiconductors
74F64 PHILIPS-74F64 Datasheet
72Kb / 8P
4-2-3-2-input AND-OR-invert gate
1996 Mar 14
logo
Texas Instruments
SN54S64 TI-SN54S64 Datasheet
168Kb / 5P
4-2-3-2 INPUT AND-OR-INVERT GATES
logo
Fairchild Semiconductor
74F64 FAIRCHILD-74F64 Datasheet
48Kb / 4P
4-2-3-2-Input AND-OR-Invert Gate
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
Texas Instruments
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
logo
List of Unclassifed Man...
MC459 ETC-MC459 Datasheet
122Kb / 2P
4 wide 3-2-2-3 input expander for and-or-invert gae
logo
Texas Instruments
SN54S64 TI1-SN54S64_15 Datasheet
424Kb / 11P
4-2-3-2 INPUT AND-OR-INVERT GATES
logo
Taoglas antenna solutio...
MB200C TAOGLAS-MB200C Datasheet
603Kb / 12P
Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
logo
Schneider Electric
NY321L2RB1 SCHNEIDER-NY321L2RB1 Datasheet
101Kb / 2P
Intrinsically processing module 2 in 1 out for solenoid valve and 2 recopying
NOV 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com