Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Type 5470
9 | 18
Visit product website 
Connection variants for port connection 2 (working ports)
Note:
The corresponding properties of the connection variants can be found in the table at the end of the chapter.
Variant B
Plug-in coupling
Ø 6mm
Variant A
Variant B
G 1/8 or NPT 1/8
Variant C
Variant D
Variant E
Variant F
Variant G
Circuit function G
Circuit function C
Circuit function D
LTA2 = port connection 2
Namur
Namur for
throttle screws
Variant B
G 1/8 or
NPT 1/8
Variant B
Plug-in coupling
Ø6 mm
Variant D
Variant E
Variant F
Variant C
(code AF07)
Namur
Namur for
throttle screws
Variant E
Variant A
Variant C
(code AF07)
Variant
Properties
Variant A
Plug-in coupling Ø 6 mm at bottom (circuit function C)
Variant B
Plug-in coupling Ø 6 mm at side and sleeve G ⅛ or NPT ⅛ with throttle check valve
Variant C
Plug-in coupling Ø 6 mm at bottom (circuit function D+G)
Variant D
Hose screw connection SL 6/4 mm at side
Variant E
Plug-in coupling Ø 6 mm at side
Variant F
Sleeve G ⅛ or NTP ⅛ at side
Variant G
Namur flange or Namur flange for throttle screws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com