Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Type 5470
13 | 18
Visit product website 
5.3. Ordering chart
Extendable single valves with module flange for pressure ports 1 (P) and 3 (R) with connector lugs at top
Note:
• Further variants on request
• Delivery does not include cable plug (see “5.4. Ordering table accessories” on page 16)
• Details on the illustrated circuit functions see “2. Circuit functions” on page 4
• 18 mm stackable valves with individual basic modules, see “Electrical data explosion-proof version Ex ia” on page 10
The following applies to all the variants listed below:
• Nominal width:4.0 mm
• Q
Nn value air: 300 l/m
• Pressure range: 2…10 bar
Circuit function
Working ports 2 and 4
Voltage/Frequency
[V/Hz]
Effective coil power
[W]
Article no.
DC coil 2.)
Article no.
UC coil 3.)
CF C
3/2-way solenoid valve
Servo-controlled
Normally closed 1.)
12
2(A)
1(P)
3(R)
Plug-in coupling Ø 6 mm at
bottom with check valve
(Variant A)
24/DC/UC
2
136872 
–
110…120/DC
3
136873 
145970 
220…240/DC
3
136874 
145971 
CF D
3/2-way solenoid valve
Servo-controlled
Normally open 1.)
2(B)
1(P)
3(R)
10
Plug-in coupling Ø 6 mm at
bottom with check valve
(Variant C)
24/DC
2
136875 
–
110…120/DC
3
136876 
–
220…240/DC
3
–
–
CF G
4/2-way solenoid valve
Servo-controlled
14
12
2(B)
4(A)
1(P)
3(R)
Hose screw connection
at side 6/4 (Variant D)
24/DC/UC
2
136878 
–
110…120/DC/UC
3
–
–
220…240/DC/UC
3
136880 
–
G ⅛ at side (Variant E)
24/DC/UC
2
136881 
–
110…120/DC/UC
3
136882 
220…240/DC/UC
3
136883 
145980 
G ⅛ at side with Throttle check
valve (Variant B)
24/DC/UC
2
136884 
–
110…120/DC/UC
3
–
145982 
220…240/DC/UC
3
136886 
145983 
Plug-in coupling Ø 6 mm at
side (Variant F)
24/DC/UC
2
136887 
–
110…120/DC/UC
3
136888 
–
220…240/DC/UC
3
136889 
145986 
Plug-in coupling Ø 6 mm at
bottom (Variant C)
24/DC/UC
2
136890 
–
110…120/DC/UC
3
136891 
145988 
220…240/DC/UC
3
136892 
145989 
1.) 3/2-way variants (circuit functions C and D) with check valve in the module flange (in R channel)
2.) Only for direct current operation (DC), for alternating current (AC) connect cable plug upstream with rectifier
3.) For universal current operation (UC = DC or AC); rectifier, varistor and LED are integrated in the coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com