Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Type 5470
11 | 18
Visit product website 
4.2. Product structure block installation with 18 mm extendable valves on individual base module
Structure with connector lugs at side
1
2
3
4
5
No. Element
1
Connection module on left
2
Extendable valves
3
Intermediate feed
(for different pressures)
4
Extendable valves
5
Connection module on
right
Structure with connector lugs at top
1
2
3
4
5
No. Element
1
Connection module on left
2
Extendable valves
3
Intermediate feed
(for different pressures)
4
Extendable valves
5
Connection module on
right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com