Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Type 5470
10 | 18
Visit product website 
Electrical data explosion-proof version Ex ia
Note:
• The valve is designed to operate on 24 V DC outputs through an intermediary intrinsically safe apparatus (isolating block or barri-
er).
• Please refer to the additional instructions Type AC21 ATEX 2175  for the permissible maximum values/value pairs.
• Type of protection: PTB 01 ATEX 2175: II 2 G Ex ia IIC T5,T6 Gb
IECEx PTB 06.0102: Ex ia IIC T5,T6 Gb
SPS/
PLC
Barriere/
isolating
component
24 V DC
≥ Umin
+
≥ lmin
+
–
Version
Resistance at 20 °C ± 4 %
Minimum terminal voltage
Minimum current
[Ω]
[V]
[mA]
For use with a 30 Ω supply
module
320
9.3
29
High resistance version
475
10.9
23
Electrical connection with plug for extendable valves (cable plug Type 1057 for individual wiring)
Cable plug Type 1057 can be selected with plug configuration at top (see “Connection variants for port connection 2 (working
ports)” on page 9). The main prerequisite is that the base module is selected for width/station 18 mm. Neutral and protective
conductors are looped through and connected centrally once. When connecting the valves, only the control line to each valve must
be installed. The neutral and protective conductors are integrated in the cable plug. The major advantage of this system is that a
valve can be removed from the block without difficulty.
Note:
The cable plug Type 1057 is available only in conjunction with the individual base module width/station 18 mm.
Block installation with extendable valves
Cable plug Type 1057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com