Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Type 5470
16 | 18
Visit product website 
Namur EExi 3/2 and 4/2-way solenoid valve for pneumatic
Note:
• All valves with tag connector on top; without cable plug
• Working ports 2 and 4 Namur flange
Circuit function
Nominal
diameter
[mm]
Q
Nn value air
[I/min]
Pressure
range [bar]
Feature
Supply ports
1 and 3
Article no.
CF C
3/2-way solenoid valve
Servo-controlled
Normally closed
12
2(A)
1(P)
3(R)
4.0
300
2…8
None
Thread G ⅛,
Variant 5
139224 
Plug-in
coupling
Ø 6 mm,
Variant 6
139402 
CF G
4/2-way solenoid valve
Servo-controlled
14
12
2(B)
4(A)
1(P)
3(R)
4.0
300
2…8
With throttle
check valve
Thread G ⅛,
Variant 5
139407 
Plug-in
coupling
Ø 6 mm,
Variant 6
139408 
5.4. Ordering table accessories
Connection modules and accessories for valve blocks
Variant
Port connection valve block
Article no.
Connection module on left
G ⅛
133175 
G ¼
132512 
NPT ¼
132513 
Plug-in coupling Ø 8 mm
623755 
Plug-in coupling Ø 10 mm
623762 
Connection module on right
G ⅛
133177 
G ¼
132514 
Plug-in coupling Ø 8 mm
623770 
Plug-in coupling Ø 10 mm
623784 
NPT ¼
132515 
Intermediate feed
G ⅛
627742 
G ¼
631288 
Plug-in coupling Ø 8 mm
631287 
Plug-in coupling Ø 10 mm
631290 
Lock screw
G ⅛
631019 
G ¼
631020 
MP05 base module 2x
Without check valve
132516 
With check valve in R channel
132518 
MP05 base module 3x
Without check valve
132517 
With check valve in R channel
132519 
Sealing plug
Ø 6 mm
015397 
Ø 8 mm
900065 
Protective cover
For unused valve slots
643223 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com