Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  3/2- or 4/2-way solenoid valve for pneumat-ics
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Type 5470
15 | 18
Visit product website 
For valve terminal mounting, valves with connector lugs on the side; connection with integrated connector sockets on valve
terminals Type 8640
Circuit function
Pressure
range [bar]
Working ports 2
and 4
Voltage/
Frequency
[V/Hz]
Effective coil
power [W]
Article no.
Connector
lugs via
pressure
input
Article no.
Connector
lugs via
pressure
output
CF C
3/2-way solenoid valve
Servo-controlled
Normally closed
12
2(A)
1(P)
3(R)
2…8
Plug-in coupling
Ø 6 mm, below
(Variant A)
24/DC
1
132479 
135203 
2…10
24/DC
2
133148 
135204 
2…10
110…120/DC
3
–
132952 
2…10
220…240/DC
3
–
132953 
CF D
3/2-way solenoid valve
Servo-controlled
Normally open 1.)
2(B)
1(P)
3(R)
10
2…8
Plug-in coupling
Ø 6 mm (Variant C)
24/DC
1
132481 
136742 
2…10
24/DC
2
136741 
136743 
2…10
110…120/DC
3
–
136744 
2…10
220…240/DC
3
–
136745 
CF G
4/2-way solenoid valve
Servo-controlled
14
12
2(B)
4(A)
1(P)
3(R)
2…8
Plug-in coupling
Ø 6 mm, in front
(Variant E)
24/DC
1
132487 
135205 
2…10
24/DC
2
133149 
135206 
2…10
110…120/DC
3
–
132954 
2…10
220…240/DC
3
–
132955 
2…10
Plug-in coupling
Ø 6 mm, below
(Variant C
Code AF07)
24/DC
2
133150 
135208 
2…10
110…120/DC
3
132956 
2…10
220…240/DC
3
132957 
2…10
Plug-in coupling
Ø 6 mm, in front,
with throttle check
valve
(Variant B)
24/DC
2
133151 
135210 
2…10
110…120/DC
3
–
133152 
2…10
220…240/DC
3
–
133153 
2…10
Thread G ⅛, in front,
(Variant F)
24/DC
2
133157 
135212 
2…10
110…120/DC
3
–
132958 
2…10
220…240/DC
3
–
132959 
2…10
Thread G ⅛, in front,
with throttle check
valve
(Variant B)
24/DC
2
133159 
135214 
2…10
110…120/DC
3
–
133160 
2…10
220…240/DC
3
–
133161 
2…10
Hose screw connec-
tion, SL6/4 mm,
in front
(Variant D)
24/DC
2
133163 
135215 
2…10
110…120/DC
3
–
133164 
2…10
220…240/DC
3
–
133166 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com