Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 9Page - OSRAM GmbH TMF8701 Datasheet HTML 10Page - OSRAM GmbH TMF8701 Datasheet HTML 11Page - OSRAM GmbH TMF8701 Datasheet HTML 12Page - OSRAM GmbH TMF8701 Datasheet HTML 13Page - OSRAM GmbH TMF8701 Datasheet HTML 14Page - OSRAM GmbH TMF8701 Datasheet HTML 15Page - OSRAM GmbH TMF8701 Datasheet HTML 16Page - OSRAM GmbH TMF8701 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Page 12
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Detailed Description
Power Consumption
All current consumption values include silicon process
variation. Temperature and voltages are at nominal conditions
(23°C and 2.8V ).
Figure 13:
Power Consumption
Condition
Min
Typ
Max
Units
Comment
I_VDD Power down
Enable Pin Low
I²C Off
0.02
0.26
1
μA
State: Power down
I_VDD Standby
CPU Off, RAM On
OSC Off, pon=0
I²C Wakeup Only
85
μA
State: Standby
I_VDD Wait
CPU Off, RAM On,
OSC On 5MHz
I²C On, Timer Wakeup
140
μA
State: Wait
I_VDD Ranging Processing
CPU Running at 80MHz
No VCSEL, No TDC
2.7
mA
State: Histogram
processing
I_VDD Ranging Active
CPU stopped
VCSEL 43MHz 320ps pulses,
TDCs running
32.5
mA
State: Ranging active
I_VDD Background
measurement Active CPU
stopped
VCSEL off, TDCs running
13
mA
I_VDD
Ranging
60Hz, 16.6ms, distance and
proximity algorithm
combined
26
mA
Average power
consumption
Peak VCSEL Current 320ps
pulses
230
mA
Max VCSEL Duty Cycle
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com