Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 4 Page - OSRAM GmbH

  TMF8701 Datasheet HTML 1Page - OSRAM GmbH TMF8701 Datasheet HTML 2Page - OSRAM GmbH TMF8701 Datasheet HTML 3Page - OSRAM GmbH TMF8701 Datasheet HTML 4Page - OSRAM GmbH TMF8701 Datasheet HTML 5Page - OSRAM GmbH TMF8701 Datasheet HTML 6Page - OSRAM GmbH TMF8701 Datasheet HTML 7Page - OSRAM GmbH TMF8701 Datasheet HTML 8Page - OSRAM GmbH TMF8701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
Datasheet, Public
Page 3
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Pin Assignments
Pin Diagram
Figure 3:
Pin Diagram TMF8701 Module
Pin Description
The GPIO is controlled by the firmware.
Figure 4:
Pin Description TMF8701 Module
Pin Diagram TMF8701 Module: Top
through view (not to scale)
Pin No.
Pin Name
Signal Type
Description
1
VDDC
Supply
Charge pump supply voltage (3V); add a
capacitor GRM155R70J104KA01 (0402 X7R
0.1μF 6.3V) to GND
2GNDC
Ground
Charge pump ground; connect all ground
pins together
3GPIO0
I/O
General purpose input/output; default
output low; leave open if not used
4INT
Output
Interrupt. Open-drain output; connect to
GND if not used
5
SCL
Input
I²C serial clock
Pin Assignments
VDDC
GNDC
GPIO0
INT
SCL
SDA
VDDV
GNDV
GPIO1
EN
GND
VDD
2
3
4
5
6
11
10
9
8
7
1
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com