Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 46 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 46 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 42Page - OSRAM GmbH TMF8701 Datasheet HTML 43Page - OSRAM GmbH TMF8701 Datasheet HTML 44Page - OSRAM GmbH TMF8701 Datasheet HTML 45Page - OSRAM GmbH TMF8701 Datasheet HTML 46Page - OSRAM GmbH TMF8701 Datasheet HTML 47Page - OSRAM GmbH TMF8701 Datasheet HTML 48Page - OSRAM GmbH TMF8701 Datasheet HTML 49Page - OSRAM GmbH TMF8701 Datasheet HTML 50Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Datasheet, Public
Page 45
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Register Description
Bootloader Commands
The following commands (bl_cmd_stat) are supported by the
bootloader:
Figure 108:
Bootloader Commands
RAMREMAP_RESET = Execute Program Downloaded to
RAM
This command remaps the RAM to address 0 and performs a
System reset (see also command RESET ).
Command is performed immediately without any delay.
After this the application that is located in RAM will be running.
If there is no valid application you will need to do a HW reset
(toggle enable pin or power cycle).
Figure 109:
RAMREMAP_RESET Command
Commands
Value
Meaning
RAMREMAP_RESET
0x11
Remap RAM to address 0 and reset
DOWNLOAD_INIT
0x14
Initialize for RAM download from host to TMF8701
W_RAM
0x41
Write RAM region
(Plain = not encoded into e.g. Intel Hex Records)
ADDR_RAM
0x43
Set the read/write RAM pointer to a given address
Address
Value
Meaning
BL_CMD_STAT
0x11
REMAP RAM to 0 and RESET
BL_SIZE
0
No parameters
BL_CSUM
0xEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com