Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TMF8701 Datasheet HTML 12Page - OSRAM GmbH TMF8701 Datasheet HTML 13Page - OSRAM GmbH TMF8701 Datasheet HTML 14Page - OSRAM GmbH TMF8701 Datasheet HTML 15Page - OSRAM GmbH TMF8701 Datasheet HTML 16Page - OSRAM GmbH TMF8701 Datasheet HTML 17Page - OSRAM GmbH TMF8701 Datasheet HTML 18Page - OSRAM GmbH TMF8701 Datasheet HTML 19Page - OSRAM GmbH TMF8701 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Datasheet, Public
Page 15
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Detailed Description
• Proximity and distance mode combined; it uses 80k + 320k
iterations at 43MHz for capturing.
The operating modes have different timings as shown in
following table:
Figure 17:
Algorithm Timings
Proximity Mode
The proximity algorithm reports a distance information in steps
of 1mm and the detect/release threshold can be tuned inside
the host. It especially can detect objects close to touch. For
proper operation of the proximity mode a cover glass with IR
ink is assumed.
Figure 18:
Proximity Mode Parameters
Note(s):
1. On the DUT or on the target; for close distances the target will shield ambient light.
2. 14k halogen light represents 100k sunlight equivalent
3. To detect a target at close distances, the algorithm relies on historical information. Therefore a grey or white target had to be present
previously at approximately 60mm for obtaining this information.
4. These exact numbers apply for a 18% reflectivity target; due to the short distance a full FOV object perpendicular to TMF8701 is
assumed.
Condition
Min
Nom
Max
Units
Proximity Mode only
command=0x02 or 0x03
cmd_data6=0x81
5.3
ms
Proximity and Distance
Mode Combined
command=0x02 or 0x03
cmd_data6=0xA3
16.6
ms
Condition
Min
Nom
Max
Units
Reflectivity of Object at
940nm
Full FOV target assumed
5
90
%
Ambient Light
Halogen light(1)
0
14k(2)
lux
Object Detected
1.0(3)
20(4)
mm
Object Released
60(4)
mm
Difference Object Detected /
Object Released
Appropriate but fixed
thresholds for detect /
release in the host
assumed
10
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com